Part Number Hot Search : 
CT245 TR3084 GBPC25 DF10S HN9C01FT 2SB118 3N165 CTQ080
Product Description
Full Text Search
 

To Download KTA1837 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
POWER AMPLIFIER APPLICATIONS. DRIVER STAGE AMPLIFIER APPLICATINS. FEATURES
High Transition Frequency : fT=70MHz(Typ.) Complementary Pair with KTC4793.
U E
KTA1837
TRIPLE DIFFUSED PNP TRANSISTOR
A
C
S
DIM A B C D E F
R
L
L M
T
CHARACTERISTIC Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Collector Power Dissipation Junction Temperature Storage Temperature Range
SYMBOL VCBO VCEO VEBO IC IB
RATING -230 -230 -5 -1 -0.1 2.0 20 150 -55 150
UNIT V V V A A W
O
D
D
N T
N T
J
MAXIMUM RATING (Ta=25
)
G H J K L M N O P Q R S T U V
V
H
1
2
Q
3
MILLIMETERS 10.30 MAX 15.30 MAX 2.70 0.30 0.85 MAX 3.20 0.20 3.00 0.30 12.30 MAX 0.75 MAX 13.60 0.50 3.90 MAX 1.20 1.30 2.54 4.50 0.20 6.80 2.60 0.20 10 25 5 0.5 2.60 0.15
F G B
1. BASE 2. COLLECTOR
K
3. EMITTER
Ta=25 Tc=25
PC Tj Tstg
TO-220IS
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Collector Cut-off Current Emitter Cut-off Current Collector-Emitter Breakdown Voltage DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Voltage Transition Frequency Collector Output Capacitance
)
TEST CONDITION VCB=-230V, IE=0 VEB=-5V, IC=0 IC=-10mA, IB=0 VCE=-5V, IC=-100mA IC=-500mA, IB=-50mA VCE=-5V, IC=-500mA VCE=-10V, IC=-100mA VCB=-10V, IE=0, f=1MHz MIN. -230 100 TYP. 70 30 MAX. -1.0 -1.0 320 -1.5 -1.0 V V MHz pF UNIT A A V
SYMBOL ICBO IEBO V(BR)CEO hFE VCE(sat) VBE fT Cob
2003. 2. 17
Revision No : 1
P
1/2
KTA1837
I C - V CE
-1.0 COLLECTOR CURRENT I C (mA) -0.8 -0.6
-4
I C - V BE
COLLECTOR CURRENT IC (A)
-10 -8 -6
-20
-1.0 -0.8 -0.6 -0.4 -0.2 0 -8 -10 0
COMMON EMITTER VBE =-5V
Tc=100 C
25
-25
-0.4
I B=-2mA
-0.2 0 0 -2 -4
COMMON EMITTER Tc=25 C
-6
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
COLLECTOR-EMITTER VOLTAGE VCE (V)
BASE-EMITTER VOLTAGE VBE (V)
h FE - I C
500 DC CURRENT GAIN hFE 300
Tc=100 C Tc=25 C COMMON EMITTER VCE =-5V
VCE(sat) - I C
COLLECTOR-EMITTER SATURATION VOLTAGE VCE(sat) (V) -3 -1 -0.5 -0.3 -0.1 -0.05 -0.03 -0.01 -0.003 Ta=100 C 25 -25 -0.01 -0.03 -0.1 -0.3 -1 -3
COMMON EMITTER I C /I B =10
100
Tc=-25 C
50 30
10 -0.003
-0.01
-0.03
-0.1
-0.3
-1
COLLECTOR CURRENT I C (A)
COLLECTOR CURRENT I C (A)
SAFE OPERATING AREA fT - IC
TRANSITION FREQUENCY f T (MHz) 300 COLLECTOR CURRENT I C (A) -1 -0.5 -0.3 -3
I C MAX(PULSED) I C MAX (CONTINOUS) 1ms 10ms 100ms
DC
100 50 30
COMMON EMITTER VCE =-10V Tc=25 C
OP ER AT IO N
-0.1 -0.05 -0.03
SINGLE NONREPETITIVE PULSE Tc=25 C CURVES MUST BE DERATED LINEARLY WITH INCREASE IN TEMPERATURE
0
5
10
30
100
300
1k -0.01 -1
COLLECTOR CURRENT I C (mA)
-3 -5
-10
-30 -50 -100
-300 -500
COLLECTOR-EMITTER VOLTAGE VCE (V)
2003. 2. 17
Revision No : 1
2/2


▲Up To Search▲   

 
Price & Availability of KTA1837

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X